Part Number Hot Search : 
2N7002 AN179 CXX0G AT25F SSD25 54240 C2412 HA1315
Product Description
Full Text Search
 

To Download SW-214-PIN Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 RoHS Compliant
GaAs SPST Switch, DC - 3 GHz
Features
* * * * * Fast Switching Speed: 6 nS Typical Ultra Low DC Power Consumption Terminated 50 Ohm Nominal Impedance MIL-STD-883 screening available
SW-214-PIN V3
Functional Block Diagram
Description
Ordering Information
Part Number
SW-214-PIN
Package
FP-13
Truth Table
Control Input Condition of Switch RF1 to RF2
On Off
Note: Reference Application Note M513 for reel size information. Note: Die quantity varies.
A
Hi Lo
B
Lo Hi
* Restrictions on Hazardous Substances, European Union Directive 2002/95/EC. 1
M/A-COM Inc. and its affiliates reserve the right to make changes to the product(s) or information contained herein without notice. M/A-COM makes no warranty, representation or guarantee regarding the suitability of its products for any particular purpose, nor does M/A-COM assume any liability whatsoever arising out of the use or application of any product(s) or information.
* North America Tel: 800.366.2266 / Fax: 978.366.2266 * Europe Tel: 44.1908.574.200 / Fax: 44.1908.574.300 * Asia/Pacific Tel: 81.44.844.8296 / Fax: 81.44.844.8298 Visit www.macom.com for additional data sheets and product information.
RoHS Compliant
GaAs SPST Switch, DC - 3 GHz
Electrical Specifications: TA = 25C 1,2,3
Parameter Test Conditions Frequency Units Min Typ Max
SW-214-PIN V3
Insertion Loss
--
DC - 3 GHz DC - 2 GHz DC - 1 GHz DC - 0.5 GHz DC - 3 GHz DC - 2 GHz DC - 1 GHz DC - 0.5 GHz DC - 3 GHz DC - 2 GHz DC - 1 GHz DC - 0.5 GHz -- -- -- 0.5 - 3 GHz 0.05 GHz 0.5 - 3 GHz 0.05 GHz 0.5 - 3 GHz 0.05 GHz 0.5 - 3 GHz 0.05 GHz -- --
dB dB dB dB dB dB dB dB Ratio Ratio Ratio Ratio nS nS mV dBm dBm dBm dBm dBm dBm dBm dBm -- --
-- -- -- -- 25 38 45 50 -- -- -- -- -- -- -- -- -- -- -- -- -- -- -- -- --
-- -- -- -- -- -- -- -- -- -- -- -- 3 6 30 +27 +21 +33 +26 +68 +62 +46 +40 -- --
1.3 1.2 0.9 0.9 -- -- -- -- 2.0:1 1.7:1 1.3:1 1.3:1 -- -- -- -- -- -- -- -- -- -- -- 20 A 300 A
Isolation
--
VSWR
--
Trise, Tfall Ton, Toff Transients 1 dB Compression
50% CTL to 90/10% RF In-Band Control Voltage 0/-5 VDC Control Voltage 0/-8 VDC
IP2
For two-tone Input power up to +13 dBm
IP3
For two-tone Input power up to +13 dBm
Control Voltages
VIN Low: 0 to -0.2V VIN High: -5V @ 50 A Typ to -8V
1. All specifications apply with 50 ohm impedance connected to all RF ports with 0 and -5 VDC control voltages. 2. Faster switching speed can be achieved with enhanced driver waveform.
2
M/A-COM Inc. and its affiliates reserve the right to make changes to the product(s) or information contained herein without notice. M/A-COM makes no warranty, representation or guarantee regarding the suitability of its products for any particular purpose, nor does M/A-COM assume any liability whatsoever arising out of the use or application of any product(s) or information.
* North America Tel: 800.366.2266 / Fax: 978.366.2266 * Europe Tel: 44.1908.574.200 / Fax: 44.1908.574.300 * Asia/Pacific Tel: 81.44.844.8296 / Fax: 81.44.844.8298 Visit www.macom.com for additional data sheets and product information.
RoHS Compliant
GaAs SPST Switch, DC - 3 GHz SW-214-PIN V3
Typical Performance Curves
Insertion Loss Isolation
2.0
2.0
1.8
1.5
1.6
1.0
1.4
0.5
1.2
0.0 0.0 1.0 2.0 3.0
1.0 0.0 1.0 2.0 3.0
Frequency (MHz)
Frequency (MHz)
Pin Configuration
VSWR
Top View
80 70 60 50 40 30 20 0.0 1.0 2.0 3.0
50 Pin Orientation Mark P1 A RF1 B P3
Frequency (MHz)
P6 RF2 GND GND
3
M/A-COM Inc. and its affiliates reserve the right to make changes to the product(s) or information contained herein without notice. M/A-COM makes no warranty, representation or guarantee regarding the suitability of its products for any particular purpose, nor does M/A-COM assume any liability whatsoever arising out of the use or application of any product(s) or information.
* North America Tel: 800.366.2266 / Fax: 978.366.2266 * Europe Tel: 44.1908.574.200 / Fax: 44.1908.574.300 * Asia/Pacific Tel: 81.44.844.8296 / Fax: 81.44.844.8298 Visit www.macom.com for additional data sheets and product information.


▲Up To Search▲   

 
Price & Availability of SW-214-PIN

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X